Part Number Hot Search : 
2SC4691J B250C37 BK210F K3209 HL6364DG 76M00 MK316B MT321012
Product Description
Full Text Search
 

To Download P6SMB75CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W NE
P6SMB6.8CA THRU P6SMB200CA
vw
Central
DESCRIPTION
TM
Semiconductor Corp.
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
The CENTRAL SEMICONDUCTOR P6SMB6.8CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the P6SMB6.8A Series data sheet.
SMB CASE
ey i db pcf Sei
BREAKDOWN VOLTAGE
MAXIMUM RATINGS (TA=25C ) SYMBOL Peak Power Dissipation Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature ELECTRICAL CHARACTERISTICS (TA=25C )
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. MAXIMUM REVERSE LEAKAGE MAXIMUM REVERSE SURGE CURRENT MAXIMUM REVERSE VOLTAGE MAXIMUM TEMP. COEFFICIENT MARKING CODE
UNITS 600 100 -65 to +150 W A C
PPM IFSM TJ,Tstg
VBR
VOLTS MIN NOM 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 MAX 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0
@ IT
REVERSE VOLTAGE
@ VRWM IR mA
1000 500 200 50 10 5 5 5 5 5 5 5
@ IRSM VRSM
VOLTS 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7
of VBR
VRWM
mA 10 10 10 1 1 1 1 1 1 1 1 1 VOLTS 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1
IRSM
A 57 53 50 45 41 38 36 33 28 27 24 22
%/C 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 C6V8C C7V5C C8V2C C9V1C C10C C11C C12C C13C C15C C16C C18C C20C
P6SMB6.8CA P6SMB7.5CA P6SMB8.2CA P6SMB9.1CA P6SMB10CA P6SMB11CA P6SMB12CA P6SMB13CA P6SMB15CA P6SMB16CA P6SMB18CA P6SMB20CA
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0
416
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. VBR VOLTS MIN P6SMB22CA P6SMB24CA P6SMB27CA P6SMB30CA P6SMB33CA P6SMB36CA P6SMB39CA P6SMB43CA P6SMB47CA P6SMB51CA P6SMB56CA P6SMB62CA P6SMB68CA P6SMB75CA P6SMB82CA P6SMB91CA P6SMB100CA P6SMB110CA P6SMB120CA P6SMB130CA P6SMB150CA P6SMB160CA P6SMB170CA P6SMB180CA P6SMB200CA 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114 123.5 142.5 152 161.5 171 190 NOM 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 MAX 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210 mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 @ IT REVERSE VOLTAGE V RWM VOLTS 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 MAXIMUM REVERSE LEAKAGE @ VRWM IR mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAXIMUM REVERSE SURGE CURRENT IRSM A 20 18 16 14.4 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2 MAXIMUM REVERSE VOLTAGE @ IRSM VRSM VOLTS 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 %/C 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 C22C C24C C27C C30C C33C C36C C39C C43C C47C C51C C56C C62C C68C C75C C82C C91C C100C C110C C120C C130C C150C C160C C170C C180C C200C MAXIMUM TEMP. COEFFICIENT of VBR MARKING CODE
All dimensions in inches (mm).

TOP VIEW



R2
417


▲Up To Search▲   

 
Price & Availability of P6SMB75CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X